データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7LITE1XB データシート(PDF) 156 Page - STMicroelectronics

部品番号 ST7LITE1XB
部品情報  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE1XB データシート(HTML) 156 Page - STMicroelectronics

Back Button ST7LITE1XB Datasheet HTML 149Page - STMicroelectronics ST7LITE1XB Datasheet HTML 150Page - STMicroelectronics ST7LITE1XB Datasheet HTML 151Page - STMicroelectronics ST7LITE1XB Datasheet HTML 152Page - STMicroelectronics ST7LITE1XB Datasheet HTML 153Page - STMicroelectronics ST7LITE1XB Datasheet HTML 154Page - STMicroelectronics ST7LITE1XB Datasheet HTML 155Page - STMicroelectronics ST7LITE1XB Datasheet HTML 156Page - STMicroelectronics ST7LITE1XB Datasheet HTML 157Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 156 / 157 page
background image
ST7LITE1xB
156/157
27-Nov-06
4
Added QFN20 pinout with new mechanical data (Figure 3 on page 5 and Figure 117 on
page 145)
Added ST7FLI19BY1M3TR sales type in Table 28, “Supported Flash part numbers,” on
page 150
Modifed “DEVELOPMENT TOOLS” on page 151
07-May-07
5
Added note 1 to Table 1 on page 7
Modified note 1 in section 7.1 on page 23
Added caution to section 7.5.1 on page 28
Modified section 11.2.3.6 on page 67
Modified title of Figure 48 on page 68 and added note 1
Modified Figure 49 on page 69
Modified section 11.5.3.4 on page 97 and added section 11.5.3.5 on page 97
Modified EOC bit description in section 11.5.6 on page 98
Modified VFFTB parameter in section 13.7.1 on page 126
Modified Table 29 on page 151
Date
Revision
Main changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More