データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7LITE3XF2 データシート(PDF) 172 Page - STMicroelectronics

部品番号 ST7LITE3XF2
部品情報  8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE3XF2 データシート(HTML) 172 Page - STMicroelectronics

Back Button ST7LITE3XF2 Datasheet HTML 165Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 166Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 167Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 168Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 169Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 170Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 171Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 172Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 173Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 172 / 173 page
background image
ST7LITE3xF2
172/173
07-Nov-06
7
Removed note “negative injection not allowed on PB0 and PB1 pins” (Table 2 on page 7 and
section 13.2.2 on page 132)
Added QFN20 package pinout (with new QFN20 mechanical data): Figure 2 on page 6 and
Figure 105 on page 159
Modified section 15.3 on page 165
Modified option list on page 164
10-May-07
8
Added note 1 to Table 2 on page 7
Added caution “negative injection not allowed on PB0 and PB1 pins” (Table 2 on page 7 and
section 13.2.2 on page 132)
Modified section 11.6.3.3 on page 122 and added section 11.6.3.4 on page 122
Modified EOC bit description in section 11.6.6 on page 123
Added caution to section 7.5.1 on page 27
Modified note 1 in section 7.1 on page 23
Modified LTCSR1 reset value in section 11.3.6 on page 75
Modified part numbers for QFN20 package in Table 26 on page 163 and in option list on
page 164
Modified section 15.1 on page 161 (added note to OSCRANGE option bits)
16-Nov-2007
9
Title of the document changed
Modified section 7.6.4 on page 34
Soldering information section removed
Modified “PACKAGE MECHANICAL DATA” on page 159 (values in inches are rounded to 4
decimal digits instead of 3 decimal digits)
Modified section 13.7 on page 146 (removed references to DLU)
Modified “DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE”
on page 163 and option list on page 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More