データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD833F2 データシート(PDF) 104 Page - STMicroelectronics

部品番号 PSD833F2
部品情報  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 データシート(HTML) 104 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 100Page - STMicroelectronics PSD833F2 Datasheet HTML 101Page - STMicroelectronics PSD833F2 Datasheet HTML 102Page - STMicroelectronics PSD833F2 Datasheet HTML 103Page - STMicroelectronics PSD833F2 Datasheet HTML 104Page - STMicroelectronics PSD833F2 Datasheet HTML 105Page - STMicroelectronics PSD833F2 Datasheet HTML 106Page - STMicroelectronics PSD833F2 Datasheet HTML 107Page - STMicroelectronics PSD833F2 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
PSD835G2
PSD8XX Family
103
18.0
PSD835G2
Pin
Assignments
Pin No.
Pin Assignments
Pin No.
Pin Assignments
1
PD2
41
PC0
2
PD3
42
PC1
3
AD0
43
PC2
4
AD1
44
PC3
5
AD2
45
PC4
6
AD3
46
PC5
7
AD4
47
PC6
8
GND
48
PC7
9VCC
49
GND
10
AD5
50
GND
11
AD6
51
PA0
12
AD7
52
PA1
13
AD8
53
PA2
14
AD9
54
PA3
15
AD10
55
PA4
16
AD11
56
PA5
17
AD12
57
PA6
18
AD13
58
PA7
19
AD14
59
CNTL0
20
AD15
60
CNTL1
21
PG0
61
PB0
22
PG1
62
PB1
23
PG2
63
PB2
24
PG3
64
PB3
25
PG4
65
PB4
26
PG5
66
PB5
27
PG6
67
PB6
28
PG7
68
PB7
29
VCC
69
VCC
30
GND
70
GND
31
PF0
71
PE0
32
PF1
72
PE1
33
PF2
73
PE2
34
PF3
74
PE3
35
PF4
75
PE4
36
PF5
76
PE5
37
PF6
77
PE6
38
PF7
78
PE7
39
RESET
79
PD0
40
CNTL2
80
PD1
80-Pin Plastic Thin Quad Flatpack (TQFP) (Package Type U)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More