| データシートサーチシステム |
|
F3SG-R データシート(PDF) 101 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R データシート(HTML) 101 Page - Omron Electronics LLC |
|
101 / 164 page ![]() F3SG-RA-01TS 101 List of Models/Response Time/Current Consumption/Weight *1. The maximum speed of movement of a test rod up to which the detection capability is maintained is 2.0 m/s. *2. The response times are values when Scan Code is set at Code B. The response times for Code A are 1 ms shorter than these values. *3. The net weight is the weight of an emitter and a receiver. *4. The gross weight is the weight of an emitter, a receiver, included accessories and a package. Model Number of Beams Protective Height [mm] Response Time [ms] *1 Current Consumption [mA] Weight [kg] ON → OFF *2 OFF (Synchronized) → ON OFF (Not synchronized) → ON Emitter Receiver Net *3 Gross *4 F3SG-4RA0185-25-01TS 8 185 8 40 140 35 75 0.7 1.4 F3SG-4RA0265-25-01TS 12 265 8 40 140 35 75 0.9 1.6 F3SG-4RA0345-25-01TS 16 345 8 40 140 40 75 1.1 1.9 F3SG-4RA0425-25-01TS 20 425 8 40 140 45 75 1.3 2.2 F3SG-4RA0505-25-01TS 24 505 8 40 140 50 75 1.5 2.5 F3SG-4RA0585-25-01TS 28 585 8 40 140 50 75 1.7 2.7 F3SG-4RA0665-25-01TS 32 665 8 40 140 55 75 1.9 3.0 F3SG-4RA0745-25-01TS 36 745 8 40 140 60 80 2.1 3.3 F3SG-4RA0825-25-01TS 40 825 8 40 140 65 80 2.3 3.6 F3SG-4RA0905-25-01TS 44 905 13 65 165 50 80 2.5 3.8 F3SG-4RA0985-25-01TS 48 985 13 65 165 50 80 2.8 4.1 F3SG-4RA1065-25-01TS 52 1065 13 65 165 55 80 3.0 4.4 F3SG-4RA1145-25-01TS 56 1145 13 65 165 55 85 3.2 4.7 F3SG-4RA1225-25-01TS 60 1225 13 65 165 55 85 3.4 5.0 F3SG-4RA1305-25-01TS 64 1305 13 65 165 60 85 3.6 5.2 F3SG-4RA1385-25-01TS 68 1385 13 65 165 60 85 3.8 5.5 F3SG-4RA1465-25-01TS 72 1465 13 65 165 65 85 4.0 5.8 F3SG-4RA1545-25-01TS 76 1545 13 65 165 65 90 4.2 6.0 F3SG-4RA1625-25-01TS 80 1625 13 65 165 70 90 4.4 6.3 F3SG-4RA1705-25-01TS 84 1705 13 65 165 70 90 4.6 6.6 F3SG-4RA1785-25-01TS 88 1785 13 65 165 70 90 4.9 6.9 F3SG-4RA1865-25-01TS 92 1865 13 65 165 75 90 5.1 7.1 F3SG-4RA1945-25-01TS 96 1945 13 65 165 75 95 5.3 7.4 |