| データシートサーチシステム |
|
F3SG-R データシート(PDF) 120 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R データシート(HTML) 120 Page - Omron Electronics LLC |
|
120 / 164 page ![]() 120 Safety Light Curtain F3SG-RA-02TS Enhanced Cutting Oil Resistance • Mechanical seal structure prevents cutting oil from getting inside • Special materials and cables significantly enhanced oil resistance • Rugged and compact housing. Perfect fit installation • IP67G (JIS C 0920 Annex 1) rated • Prevents accidental changes of settings by configuration tool (monitoring only) System Configuration IF-U PC F39-LGRA Free-Location Bracket (Intermediate Bracket) F39-LGRTB F39-LGRTB-2 F39-LGRTB-3 Top/Bottom Bracket F39-LP Lamp F39-BTLP Lamp and Bluetooth Communication Unit F39-BT Bluetooth Communication Unit NX/NE1A-series Safety Network Controller G9SP-series Safety Controller G9SE/G9SA-series Safety Relay Unit G9SX-series Flexible Safety Unit G7SA/G7S-E Relays with Forcibly Guided Contacts Emitter Receiver F39-JGR2WTS Cascading Cable *1 F39-JD @B Double-Ended Cable *1 F39-JD @RA-L F39-JD @RA-D Single-Ended Cable (Oil-Resistant Cable) F39-JD @A Single-Ended Cable *1 or F39-CN5 F39-JD @BA Reduced wiring connector system *1 Recommended safety controller *3 Accessory Accessory *2 F39-PTG Laser Pointer *1 Accessory Mounting bracket Accessory *1 Emitter Receiver F39-JD @B Double-Ended Cable *1 Up to three sets F39-GIF-1 Interface Unit *1 Configuration Tool SD Manager 2 *1. When the accessory is used, protect it from cutting oil. *2. The F3SG-RA-02TS provides only the monitoring functionality. *3. The recommended safety controller is required to build a safety circuit using emergency stop switches and door switches. |