| データシートサーチシステム |
|
F3SG-R データシート(PDF) 128 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R データシート(HTML) 128 Page - Omron Electronics LLC |
|
128 / 164 page ![]() F3SG-RA-02TS 128 List of Models/Response Time/Current Consumption/Weight *1. The maximum speed of movement of a test rod up to which the detection capability is maintained is 2.0 m/s. *2. The response times are values when Scan Code is set at Code B. The response times for Code A are 1 ms shorter than these values. *3. The net weight is the weight of an emitter and a receiver. *4. The gross weight is the weight of an emitter, a receiver, included accessories and a package. Model Number of Beams Protective Height [mm] (Overall length) Response Time [ms] *1 Current Consumption [mA] Weight [kg] ON → OFF *2 OFF (Synchronized) → ON OFF (Not synchronized) → ON Emitter Receiver Net *3 Gross *4 F3SG-4RA0240-25-02TS 12 240 8 40 140 35 75 0.7 1.6 F3SG-4RA0320-25-02TS 16 320 8 40 140 40 75 0.9 1.9 F3SG-4RA0400-25-02TS 20 400 8 40 140 45 75 1.1 2.1 F3SG-4RA0480-25-02TS 24 480 8 40 140 50 75 1.3 2.4 F3SG-4RA0560-25-02TS 28 560 8 40 140 50 75 1.5 2.7 F3SG-4RA0640-25-02TS 32 640 8 40 140 55 75 1.7 3.0 F3SG-4RA0720-25-02TS 36 720 8 40 140 60 80 1.9 3.2 F3SG-4RA0800-25-02TS 40 800 8 40 140 65 80 2.1 3.5 F3SG-4RA0880-25-02TS 44 880 13 65 165 50 80 2.3 3.8 F3SG-4RA0960-25-02TS 48 960 13 65 165 50 80 2.5 4.0 F3SG-4RA1040-25-02TS 52 1040 13 65 165 55 80 2.7 4.3 F3SG-4RA1120-25-02TS 56 1120 13 65 165 55 85 2.9 4.6 F3SG-4RA1200-25-02TS 60 1200 13 65 165 55 85 3.1 4.9 F3SG-4RA1280-25-02TS 64 1280 13 65 165 60 85 3.3 5.1 F3SG-4RA1360-25-02TS 68 1360 13 65 165 60 85 3.5 5.4 F3SG-4RA1440-25-02TS 72 1440 13 65 165 65 85 3.7 5.7 F3SG-4RA1520-25-02TS 76 1520 13 65 165 65 90 3.9 5.9 F3SG-4RA1600-25-02TS 80 1600 13 65 165 70 90 4.1 6.2 F3SG-4RA1680-25-02TS 84 1680 13 65 165 70 90 4.3 6.5 F3SG-4RA1760-25-02TS 88 1760 13 65 165 70 90 4.5 6.7 F3SG-4RA1840-25-02TS 92 1840 13 65 165 75 90 4.7 7.0 F3SG-4RA1920-25-02TS 96 1920 13 65 165 75 95 4.9 7.3 |