| データシートサーチシステム |
|
E5CC-RX2DBM-000 データシート(PDF) 130 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5CC-RX2DBM-000 データシート(HTML) 130 Page - Omron Electronics LLC |
|
130 / 138 page ![]() E5 @C/E5@C-T 130 Mounting the Terminal Cover E5CC/E5CC-T Slightly bend the E53-COV23 Terminal Cover to attach it to the terminal block as shown in the following diagram. The Terminal Cover cannot be attached in the opposite direction. E53-COV17 Terminal Cover can be also attached. Make sure that the "UP" mark is facing up, and then attach the E53- COV17 Terminal Cover to the holes on the top and bottom of the Digital Temperature Controller. E5EC/E5AC/E5EC-T/E5AC-T Slightly bend the E53-COV24 Terminal Cover to attach it to the terminal block as shown in the following diagram. The Terminal Cover cannot be attached in the opposite direction. Attaching the End Cover E5DC/E5DC-B 1. Install the E5DC/E5DC-B in a panel. 2. Peel off the release paper from the double-sided tape on the End Cover. 3. Align the tabs on the End Cover with the depressions on the E5DC/E5DC-B and attach the End Cover. 4. Secure the End Cover so that the double-sided tape is firmly attached. Adapter Terminal Cover (E53-COV17) (Sold separately) E53-COV17 E53-COV23 Enlarged illustration of Terminal Section Enlarged illustration of the terminal part Slightly bend the E53-COV24 Terminal Cover in the direction shown by the arrows to attach it to the terminal block. Double-sided tape |