| データシートサーチシステム |
|
E5EC-RX4A5M-010 データシート(PDF) 110 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5EC-RX4A5M-010 データシート(HTML) 110 Page - Omron Electronics LLC |
|
110 / 138 page ![]() E5EC-T/E5AC-T 110 Accessories (Order Separately) (2110) 250 263 1510 USB connector (type A plug) Serial connector LED (SD) LED (PWR) LED (RD) USB-Serial Conversion Cable E58-CIFQ2 Connecting to the E58-CIFQ2 USB-Serial Conversion Cable Conversion Cable (1510) 250 (2110) E58-CIFQ2 (Order Separately) Conversion Cable 263 1510 Note: Always use this product together with the E58-CIFQ2. Conversion Cable E58-CIFQ2-E 10 91 2 3.8 Terminal Covers E53-COV24 (Three Covers provided.) Waterproof Packing Y92S-P9 (for DIN 48 × 96) The Waterproof Packing is provided with the Temperature Controller. Order the Waterproof Packing separately if it becomes lost or damaged. The degree of protection when the Waterproof Packing is used is IP66. Also, keep the Port Cover on the front-panel Setup Tool port of the E5EC-T/E5AC-T securely closed. To maintain an IP66 degree of protection, the Waterproof Packing and the Port Cover for the front-panel Setup Tool port must be periodically replaced because they may deteriorate, shrink, or harden depending on the operating environment. The replacement period will vary with the operating environment. Check the required period in the actual application. Use 3 years or sooner as a guideline. Y92S-P10 (for DIN 96 × 96) Setup Tool Port Cover for top panel Y92S-P7 Mounting Adapter Y92F-51 (Two Adapters provided.) Order this Port Cover separately if the Port Cover on the front-panel Setup Tool port is lost or damaged. The Waterproof Packing must be periodically replaced because it may deteriorate, shrink, or harden depending on the operating environment. One pair is provided with the Controller. Order the Mounting Adapter separately if it becomes lost or damaged. |