| データシートサーチシステム |
|
E5DC-RX2DSM-017 データシート(PDF) 127 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2DSM-017 データシート(HTML) 127 Page - Omron Electronics LLC |
|
127 / 138 page ![]() E5 @C/E5@C-T 127 Removing the Main Unit Press in the two hooks on the Main Unit and remove the Main Unit from the Terminal Unit. End Plate Installation Make sure to attach PFP-M End Plates to the ends of the Units. E5DC-B Mounting to and Removing from DIN Track • Mounting a Unit Mount the Main Unit after first mounting the Terminal Unit on the DIN Track. • Removing a Unit Pull down on the DIN Track Hook with a flat-blade screwdriver and lift up the Unit. Removing the Main Unit End Plate Installation Make sure to attach PFP-M End Plates to the ends of the Units. Mounting to a DIN Track in Connection 1. Remove the connector cover on the side to use for connecting to another terminal unit, and attach the unit to the DIN Track. 2. Connect the terminal unit connector to the next unit. 3. Wire the terminal units. 4. Insert the main units into the terminal units. (1) (1) (2) Individual Mounting Group Mounting A B (1) Pull down the hook. (2) Catch the top hook on the DIN Track. (3) Press the Unit onto the DIN Track. (4) Make sure that the hooks are locked in place. (1) (1) Push in the hooks. (2) Pull out the Main Unit. Individual Mounting Group Mounting (1) (2) Connector Cover (Accessory) Left side End Plate (1) (2) (4) (3) |