データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD512B1 データシート(PDF) 139 Page - STMicroelectronics

部品番号 PSD512B1
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B1 データシート(HTML) 139 Page - STMicroelectronics

Back Button PSD512B1 Datasheet HTML 135Page - STMicroelectronics PSD512B1 Datasheet HTML 136Page - STMicroelectronics PSD512B1 Datasheet HTML 137Page - STMicroelectronics PSD512B1 Datasheet HTML 138Page - STMicroelectronics PSD512B1 Datasheet HTML 139Page - STMicroelectronics PSD512B1 Datasheet HTML 140Page - STMicroelectronics PSD512B1 Datasheet HTML 141Page - STMicroelectronics PSD512B1 Datasheet HTML 142Page - STMicroelectronics PSD512B1 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 153 page
background image
PSD5XX Family
136
80-Pin
80-Pin
Pin No.
TQFP
Pin No.
TQFP
Package
Package
1
PC7
41
PB7
2
PC6
42
PB6
3
PC5
43
PB5
4
PC4
44
PB4
5
PC3
45
PB3
6
PC2
46
PB2
7
PC1
47
PB1
8
PC0
48
PB0
9VCC
49
GND
10
VCC
59
GND
11
GND
51
VCC
12
GND
52
VCC
13
PA7
53
PD7
14
PA6
54
PD6
15
PA5
55
PD5
16
PA4
56
PD4
17
PA3
57
PD3
18
PA2
58
PD2
19
PA1
59
PD1
20
PA0
60
PD0
21
NC
61
NC
22
NC
62
ADIO_15
23
Vstdby
63
ADIO_14
24
WR
64
ADIO_13
25
PE7
65
ADIO_12
26
PE6
66
ADIO_11
27
PE5
67
ADIO_10
28
PE4
68
ADIO_9
29
PE3
69
ADIO_8
30
GND
70
GND
31
GND
71
GND
32
PE2
72
ADIO_7
33
PE1
73
ADIO_6
34
PE0
74
ADIO_5
35
CSI
75
ADIO_4
36
RESET
76
ADIO_3
37
RD
77
ADIO_2
38
CLKIN
78
ADIO_1
39
NC
79
ADIO_0
40
NC
80
NC
PSD5XX
Pin
Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More