| データシートサーチシステム |
|
ST20-C1 データシート(PDF) 163 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 データシート(HTML) 163 Page - STMicroelectronics |
|
163 / 205 page ![]() 163/205 8 Instruction Set Reference ® wait wait Code: 23 F6 Description: Perform the first par t of a semaphore wait (or P) on the semaphore pointed to by Areg. If the semaphore count is non-zero then the count is decremented and the process continues; otherwise the current process is added to the back of the semaphore list ready for the current process to be descheduled. The instruction returns a boolean value in Areg stating whether a process deschedule is required. The instruction should be used in the following sequence: ld semptr; wait; cj continue; stop; continue: Definition: if (word[Areg @ s.Count] ≠ 0) { word ′[Areg @ s.Count] ← word[Areg @ s.Count] − 1 Areg ′← false } else { if (frontptr = NotProcess) -- queue empty so add to queue { word ′[Areg @ s.Front ] ← Tdesc word ′[Areg @ s.Back ] ← Tdesc } else -- queue not empty so add to back of queue { word ′[backptr @ pw.Link] ← Tdesc word ′[Areg @ s.Back ] ← Tdesc } Areg ′← true } Breg ′← undefined Creg ′← undefined where frontptr = word[Areg @ s.Front] backptr = word[Areg @ s.Back] Status Register:No effect Comments: Secondary instruction. Areg must be word-aligned. The semaphore structure should be in fast memory if interrupt latency is critical. See also: signal stop Chapter 7 . |