| データシートサーチシステム |
|
ST723216 データシート(PDF) 178 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST723216 データシート(HTML) 178 Page - STMicroelectronics |
|
178 / 185 page ![]() ST72321 178/185 14.4 ST7 APPLICATION NOTES IDENTIFICATION DESCRIPTION EXAMPLE DRIVERS AN 969 SCI COMMUNICATION BETWEEN ST7 AND PC AN 970 SPI COMMUNICATION BETWEEN ST7 AND EEPROM AN 971 I²C COMMUNICATING BETWEEN ST7 AND M24CXX EEPROM AN 972 ST7 SOFTWARE SPI MASTER COMMUNICATION AN 973 SCI SOFTWARE COMMUNICATION WITH A PC USING ST72251 16-BIT TIMER AN 974 REAL TIME CLOCK WITH ST7 TIMER OUTPUT COMPARE AN 976 DRIVING A BUZZER THROUGH ST7 TIMER PWM FUNCTION AN 979 DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC AN 980 ST7 KEYPAD DECODING TECHNIQUES, IMPLEMENTING WAKE-UP ON KEYSTROKE AN1017 USING THE ST7 UNIVERSAL SERIAL BUS MICROCONTROLLER AN1041 USING ST7 PWM SIGNAL TO GENERATE ANALOG OUTPUT (SINUSOID) AN1042 ST7 ROUTINE FOR I²C SLAVE MODE MANAGEMENT AN1044 MULTIPLE INTERRUPT SOURCES MANAGEMENT FOR ST7 MCUS AN1045 ST7 S/W IMPLEMENTATION OF I²C BUS MASTER AN1046 UART EMULATION SOFTWARE AN1047 MANAGING RECEPTION ERRORS WITH THE ST7 SCI PERIPHERALS AN1048 ST7 SOFTWARE LCD DRIVER AN1078 PWM DUTY CYCLE SWITCH IMPLEMENTING TRUE 0% & 100% DUTY CYCLE AN1082 DESCRIPTION OF THE ST72141 MOTOR CONTROL PERIPHERAL REGISTERS AN1083 ST72141 BLDC MOTOR CONTROL SOFTWARE AND FLOWCHART EXAMPLE AN1105 ST7 PCAN PERIPHERAL DRIVER AN1129 PERMANENT MAGNET DC MOTOR DRIVE. AN1130 AN INTRODUCTION TO SENSORLESS BRUSHLESS DC MOTOR DRIVE APPLICATIONS WITH THE ST72141 AN1148 USING THE ST7263 FOR DESIGNING A USB MOUSE AN1149 HANDLING SUSPEND MODE ON A USB MOUSE AN1180 USING THE ST7263 KIT TO IMPLEMENT A USB GAME PAD AN1276 BLDC MOTOR START ROUTINE FOR THE ST72141 MICROCONTROLLER AN1321 USING THE ST72141 MOTOR CONTROL MCU IN SENSOR MODE AN1325 USING THE ST7 USB LOW-SPEED FIRMWARE V4.X AN1445 USING THE ST7 SPI TO EMULATE A 16-BIT SLAVE AN1475 DEVELOPING AN ST7265X MASS STORAGE APPLICATION AN1504 STARTING A PWM SIGNAL DIRECTLY AT HIGH LEVEL USING THE ST7 16-BIT TIMER PRODUCT EVALUATION AN 910 PERFORMANCE BENCHMARKING AN 990 ST7 BENEFITS VERSUS INDUSTRY STANDARD AN1077 OVERVIEW OF ENHANCED CAN CONTROLLERS FOR ST7 AND ST9 MCUS AN1086 U435 CAN-DO SOLUTIONS FOR CAR MULTIPLEXING AN1150 BENCHMARK ST72 VS PC16 AN1151 PERFORMANCE COMPARISON BETWEEN ST72254 & PC16F876 AN1278 LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS PRODUCT MIGRATION AN1131 MIGRATING APPLICATIONS FROM ST72511/311/214/124 TO ST72521/321/324 AN1322 MIGRATING AN APPLICATION FROM ST7263 REV.B TO ST7263B AN1365 GUIDELINES FOR MIGRATING ST72C254 APPLICATION TO ST72F264 PRODUCT OPTIMIZATION |