| データシートサーチシステム |
|
ST72F321AR7TA データシート(PDF) 164 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F321AR7TA データシート(HTML) 164 Page - STMicroelectronics |
|
164 / 185 page ![]() ST72321 164/185 COMMUNICATION INTERFACE CHARACTERISTICS (Cont’d) 12.11.2 I 2C - Inter IC Control Interface Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified. Refer to I/O port characteristics for more details on the input/output alternate function characteristics (SDAI and SCLI). The ST7 I2C interface meets the requirements of the Standard I2C communication protocol described in the following table. Figure 99. Typical Application with I 2C Bus and Timing Diagram 4) Notes: 1. Data based on standard I2C protocol requirement, not tested in production. 2. The device must internally provide a hold time of at least 300ns for the SDA signal in order to bridge the undefined region of the falling edge of SCL. 3. The maximum hold time of the START condition has only to be met if the interface does not stretch the low period of SCL signal. 4. Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD. Symbol Parameter Standard mode I2C Fast mode I2C Unit Min 1) Max 1) Min 1) Max 1) tw(SCLL) SCL clock low time 4.7 1.3 µs tw(SCLH) SCL clock high time 4.0 0.6 tsu(SDA) SDA setup time 250 100 ns th(SDA) SDA data hold time 0 3) 0 2) 900 3) tr(SDA) tr(SCL) SDA and SCL rise time 1000 20+0.1Cb 300 tf(SDA) tf(SCL) SDA and SCL fall time 300 20+0.1Cb 300 th(STA) START condition hold time 4.0 0.6 µs tsu(STA) Repeated START condition setup time 4.7 0.6 tsu(STO) STOP condition setup time 4.0 0.6 ns tw(STO:STA) STOP to START condition time (bus free) 4.7 1.3 ms Cb Capacitive load for each bus line 400 400 pF REPEATED START START STOP START tf(SDA) tr(SDA) tsu(SDA) th(SDA) tf(SCK) tr(SCK) tw(SCKL) tw(SCKH) th(STA) tsu(STO) tsu(STA) tw(STO:STA) SDA SCL 4.7k Ω SDAI ST72XXX SCLI VDD 100 Ω 100 Ω VDD 4.7k Ω I2CBUS |