| データシートサーチシステム |
|
ST92F124 データシート(PDF) 339 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F124 データシート(HTML) 339 Page - STMicroelectronics |
|
339 / 426 page ![]() 339/426 CONTROLLER AREA NETWORK (bxCAN) CONTROLLER AREA NETWORK (Cont’d) Figure 153. CAN Frames Data Frame or Remote Frame Data Field 8 * N Control Field 6 Arbitration Field 12 CRC Field 16 Ack Field 7 ID DLC CRC Data Frame (Standard identifier) 44 + 8 * N Arbitration Field 12 ID DLC Remote Frame 44 CRC Field 16 7 CRC Control Field 6 Overload Flag 6 Overload Delimiter 8 Overload Frame Error Flag 6 Error Delimiter 8 Error Frame Flag Echo ≤ 6 Bus Idle Inter-Frame Space Suspend 8 Intermission 3 Transmission 2 2 Inter-Frame Space or Overload Frame Inter-Frame Space Inter-Frame Space or Overload Frame Inter-Frame Space Inter-Frame Space or Overload Frame Notes: • 0 <= N <= 8 • SOF = Start Of Frame • ID = Identifier • RTR = Remote Transmission Request • IDE = Identifier Extension Bit • r0 = Reserved Bit • DLC = Data Length Code • CRC = Cyclic Redundancy Code • Error flag: 6 dominant bits if node is error active else 6 recessive bits. • Suspend transmission: applies to error passive nodes only. • EOF = End of Frame • ACK = Acknowledge bit Data Frame or Remote Frame Any Frame Inter-Frame Space or Error Frame End Of Frame or Error Delimiter or Overload Delimiter Ack Field End Of Frame EOF Data Field 8 * N Ctrl Field 6 12 CRC Field 16 Ack Field 7 ID DLC CRC Data Frame (Extended Identifier) 64 + 8 * N 2 Inter-Frame Space or Overload Frame Inter-Frame Space EOF Std Arbitr. Field 20 Ext Arbitr. Field 9 |