データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT89C5132-ROTIL データシート(PDF) 126 Page - ATMEL Corporation

部品番号 AT89C5132-ROTIL
部品情報  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL データシート(HTML) 126 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 122Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 123Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 124Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 125Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 126Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 127Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 128Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 129Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 182 page
background image
126
4173E–USB–09/07
AT89C5132
Figure 19-9. Master SPI Polling Policy Flows
19.3.5
Master Mode with Interrupt Policy
Figure 19-10 shows the initialization phase and the transfer phase flows using the interrupt pol-
icy. Using this flow prevents any overrun error occurrence.
•
The bit rate is selected according to Table 97.
•
The transfer format depends on the slave peripheral.
•
SS may be deasserted between transfers depending also on the slave peripheral.
Reading SPSTA at the beginning of the ISR is mandatory for clearing the SPIF flag. Clear is
effective when reading SPDAT.
SPI Initialization
Polling Policy
Disable Interrupt
SPIE = 0
SPI Transfer
Polling Policy
End Of Transfer?
SPIF = 1?
Select Master Mode
MSTR = 1
Select Bit Rate
program SPR2:0
Select Format
program CPOL & CPHA
Enable SPI
SPEN = 1
Select Slave
Pn.x = L
Start Transfer
Write Data in SPDAT
Last Transfer?
Get Data Received
Read SPDAT
Deselect Slave
Pn.x = H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More