| データシートサーチシステム |
|
ADE7169 データシート(PDF) 114 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7169 データシート(HTML) 114 Page - Analog Devices |
|
114 / 148 page ![]() ADE75xx/ADE71xx Preliminary Technical Data Rev. PrE | Page 114 of 148 baud rate generator mode is selected by RCLK = 1 and/or TCLK = 1. In either case, if Timer 2 is used to generate the baud rate, the TF2 interrupt flag does not occur. Therefore, Timer 2 interrupts do not occur, so they do not have to be disabled. In this mode, the EXF2 flag can, however, still cause interrupts, which can be used as a third external interrupt. Baud rate generation is described as part of the UART serial port operation in UART serial interface section. P1.4/T2 TR2 CONTROL TL2 (8 BITS) TH2 (8 BITS) RELOAD TF2 EXF2 TIMER INTERRUPT EXEN2 CONTROL TRANSITION DETECTOR P1.3/T2EX RCAP2L RCAP2H C/ T2 = 0 C/ T2 = 1 FCORE Figure 73. Timer/Counter 2, 16-Bit Autoreload Mode TF2 TR2 CONTROL TL2 (8 BITS) TH2 (8 BITS) CAPTURE EXF2 TIMER INTERRUPT EXEN2 CONTROL TRANSITION DETECTOR RCAP2L RCAP2H C/ T2 = 0 C/ T2 = 1 FCORE P1.4/T2 P1.3/T2EX Figure 74. Timer/Counter 2, 16-Bit Capture Mode |