| データシートサーチシステム |
|
EVAL-ADE7566F16EB データシート(PDF) 135 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-ADE7566F16EB データシート(HTML) 135 Page - Analog Devices |
|
135 / 136 page ![]() Preliminary Technical Data ADE7566/ADE7569 Rev. PrA | Page 135 of 136 OUTLINE DIMENSIONS COMPLIANT TO JEDEC STANDARDS MS-026-BCD TOP VIEW (PINS DOWN) 1 16 17 33 32 48 49 64 0.27 0.22 0.17 0.50 BSC LEAD PITCH 12.20 12.00 SQ 11.80 PIN 1 1.60 MAX 0.75 0.60 0.45 10.20 10.00 SQ 9.80 VIEW A 0.20 0.09 1.45 1.40 1.35 0.08 COPLANARITY VIEW A ROTATED 90° CCW SEATING PLANE 0.15 0.05 7° 3.5° 0° Figure 103. 64-Lead Low Profile Quad Flat Package [LQFP] (ST-64-2) Dimensions shown in millimeters COMPLIANT TO JEDEC STANDARDS MO-220-VMMD-4 PIN 1 INDICATOR TOP VIEW 8.75 BSC SQ 9.00 BSC SQ 1 64 16 17 49 48 32 33 0.50 0.40 0.30 0.50 BSC 0.20 REF 12° MAX 0.80 MAX 0.65 TYP 1.00 0.85 0.80 7.50 REF 0.05 MAX 0.02 NOM 0.60 MAX 0.60 MAX EXPOSED PAD (BOTTOM VIEW) 0.30 0.25 0.18 SEATING PLANE PIN 1 INDICATOR 6.35 6.20 SQ 6.05 Figure 104. 64-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 9 mm x 9 mm Body, Very Thin Quad (CP-64-4) Dimensions shown in millimeters |