| データシートサーチシステム |
|
AT80SND1C-ROTIL データシート(PDF) 192 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80SND1C-ROTIL データシート(HTML) 192 Page - ATMEL Corporation |
|
192 / 210 page ![]() 192 AT8xC51SND1C 4109E–8051–06/03 Waveforms Figure 146. SPI Slave Waveforms (SSCPHA= 0) Note: 1. Not Defined but generally the MSB of the character which has just been received. Figure 147. SPI Slave Waveforms (SSCPHA= 1) Note: 1. Not Defined but generally the LSB of the character which has just been received. T SLCL TSLCH TCHCL T CLCH MOSI (input) SCK (SSCPOL= 0) (input) SS (input) SCK (SSCPOL= 1) (input) MISO (output) TCHCH TCLCX TCHCX T IVCL TCLIX T CHIX T IVCH TCHOV T CLOV TCHOX TCLOX MSB IN BIT 6 LSB IN SLAVE MSB OUT SLAVE LSB OUT BIT 6 TSLOV (1) TSHOX TSHSL T CHSH T CLSH TCHCL TCLCH MOSI (input) SCK (SSCPOL= 0) (input) SS (input) SCK (SSCPOL= 1) (input) MISO (output) TCHCH TCLCX TCHCX T IVCL T CLIX T CHIX T IVCH T CLOV TCHOV TCLOX T CHOX MSB IN BIT 6 LSB IN SLAVE MSB OUT SLAVE LSB OUT BIT 6 TSLOV (1) TSHOX TSHSL T CHSH TCLSH T SLCL T SLCH |