データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4250 データシート(PDF) 36 Page - Renesas Technology Corp

部品番号 4250
部品情報  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 データシート(HTML) 36 Page - Renesas Technology Corp

Back Button 4250 Datasheet HTML 32Page - Renesas Technology Corp 4250 Datasheet HTML 33Page - Renesas Technology Corp 4250 Datasheet HTML 34Page - Renesas Technology Corp 4250 Datasheet HTML 35Page - Renesas Technology Corp 4250 Datasheet HTML 36Page - Renesas Technology Corp 4250 Datasheet HTML 37Page - Renesas Technology Corp 4250 Datasheet HTML 38Page - Renesas Technology Corp 4250 Datasheet HTML 39Page - Renesas Technology Corp 4250 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
35
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
BL
D3–
D0
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
0
1
2
3
4
5
6
7
8
9
XAM
0
Hex.
notation
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
10 to 17
The above table shows the relationship between machine language codes and machine language instructions. D3–D0
show the low-order 4 bits of the machine language code, and D8–D4 show the high-order 5 bits of the machine language
code. The hexadecimal representation of the code is also provided. There are one-word instructions and two-word
instructions, but only the first word of each instruction is shown.
The codes for the second word of a two-word instruction are described below.
BL
BML
BLA
BMLA
SEA
1
1 a a a
a a a a
1
0 a a a
a a a a
1
1 a a a
p p p p
1
0 a a a
p p p p
0
1 0 1 1
n n n n
The second word
BA
1
1 a a a
a a a a
SZD
0
0 0 1 0
1 0 1 1
NOP
RC
SC
AM
AMC
TYA
TBA
BLA
CLD
INY
RD
SD
DEY
TEAB
CMA
RAR
TAB
TAY
SZB
0
SZB
1
SZB
2
SZB
3
SEAn
SEAM
TDA
TABE
SZC
RT
RTS
RB
0
RB
1
RB
2
RB
3
IAF
SB
0
SB
1
SB
2
SB
3
TABP
0
TABP
1
TABP
2
TABP
3
TABP
4
TABP
5
OFA
BML
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BA
BL
BMLA
XAM
1
XAM
2
XAM
3
TAM
0
TAM
1
TAM
2
TAM
3
XAMI
0
XAMI
1
XAMI
2
XAMI
3
XAMD
0
XAMD
1
XAMD
2
XAMD
3
BML
BML
BML
BML
BML
A
2
LA
0
A
13
A
3
A
4
A
5
A
6
A
7
A
8
A
9
A
12
A
14
A
15
A
10
A
11
A
0
A
1
LA
1
LA
2
LA
3
LA
4
LA
5
LA
6
LA
7
LA
8
LA
9
LA
10
LA
11
LA
12
LA
13
LA
14
LA
15
18 to 1F
LXY
0,0
LXY
1,0
LXY
2,0
LXY
0,1
LXY
1,1
LXY
2,1
LXY
0,2
LXY
1,2
LXY
2,2
LXY
0,3
LXY
1,3
LXY
2,3
LXY
0,4
LXY
1,4
LXY
2,4
LXY
0,5
LXY
1,5
LXY
2,5
LXY
0,6
LXY
1,6
LXY
2,6
LXY
0,7
LXY
1,7
LXY
2,7
SNZP
OGA
IAG
TV1A
DI
EI
POF
LXY
3,0
LXY
3,1
LXY
3,2
LXY
3,3
LXY
3,4
LXY
3,5
LXY
3,6
LXY
3,7
SNZ1
SNZ0
LGOP
TLOA
LXY
0,8
LXY
1,8
LXY
2,8
LXY
0,9
LXY
1,9
LXY
2,9
LXY
0,10
LXY
1,10
LXY
2,10
LXY
0,11
LXY
1,11
LXY
2,11
LXY
0,12
LXY
1,12
LXY
2,12
LXY
0,13
LXY
1,13
LXY
2,13
LXY
0,14
LXY
1,14
LXY
2,14
LXY
0,15
LXY
1,15
LXY
2,15
LXY
3,8
LXY
3,9
LXY
3,10
LXY
3,11
LXY
3,12
LXY
3,13
LXY
3,14
LXY
3,15
OSA
SZD
RTI
IAS
IAK
BML
BML
OKA
SCP
RCP
T1AB
TK0A
TAV1
TAK0
TAB1
TPU0A
SNZCP
TABP
6
TABP
7
BML
BML
BML
BML
BML
BML
BML
BML
TABP
8
TABP
9
TABP
10
TABP
11
TABP
12
TABP
13
TABP
14
TABP
15
Do not use the code marked “–.”
A
B
C
D
E
F
D8–D4 00000 00001 00010 00011 00100 00101 00110 00111 01000 01001 01010 01011 01100 01101 01110 01111
10111 11111
10000 11000
INSTRUCTION CODE TABLE


同様の部品番号 - 4250

メーカー部品番号データシート部品情報
logo
Energizer
4250 ENERGIZER-4250 Datasheet
106Kb / 1P
   Industrial Rubber Light
logo
Schurter Inc.
4250 SCHURTER-4250 Datasheet
266Kb / 2P
   Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
logo
Heyco.
4250 HEYCO-4250 Datasheet
93Kb / 1P
   HEYConnect™ Terminal Bushings
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
   Mini IR Thermometer
42500-NIST EXTECH-42500-NIST Datasheet
152Kb / 1P
   Mini IR Thermometer
More results

同様の説明 - 4250

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com