データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4250 データシート(PDF) 53 Page - Renesas Technology Corp

部品番号 4250
部品情報  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 データシート(HTML) 53 Page - Renesas Technology Corp

Back Button 4250 Datasheet HTML 49Page - Renesas Technology Corp 4250 Datasheet HTML 50Page - Renesas Technology Corp 4250 Datasheet HTML 51Page - Renesas Technology Corp 4250 Datasheet HTML 52Page - Renesas Technology Corp 4250 Datasheet HTML 53Page - Renesas Technology Corp 4250 Datasheet HTML 54Page - Renesas Technology Corp 4250 Datasheet HTML 55Page - Renesas Technology Corp 4250 Datasheet HTML 56Page - Renesas Technology Corp 4250 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
52
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Parameter
“L” level output voltage
F0, F1, S0–S3, D0, D1, D2/C, D3/K
“L” level output voltage
G0, G1/TOUT, G2, G3
“H” level input current
F0, F1, S0–S3, D0, D1, RESET
“H” level input current
G0/INT, G1, G2, G3, D2/C, D3/K
“L” level input current
F0, F1, S0–S3, D0, D1, D2/C, D3/K,
G0/INT, G1, G2, G3, RESET
Output current at off-state
F0, F1, S0–S3, D0, D1
Output current at off-state
G0, G1/TOUT, G2, G3, D2/C, D3/K
Supply current
Pull-up transistor
G0/INT, G1, G2, G3, D2/C, D3/K
Hysteresis INT
Hysteresis S0–S3
Hysteresis RESET
Test conditions
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VI = 7 V
VI = VDD
VI = 0 V (Note)
VO = 7 V
VO = VDD
VDD = 5 V
VDD = 3 V
Ta = 25
°C
VDD = 5 V
VDD = 3 V
VDD = 5 V, VI = 0 V
VDD = 5 V
VDD = 5 V
VDD = 3 V
Limits
Symbol
VOL
VOL
IIH
IIH
IIL
IOZH
IOZH
IDD
RPU
VT+ – VT–
VT+ – VT
VT+ – VT
Unit
V
V
V
V
µA
µA
µA
µA
µA
mA
mA
µA
µA
µA
k
V
V
V
V
Max.
2
0.9
2
0.9
1
1
–1
1
1
5
1
1
10
6
25
Typ.
1.5
0.3
0.1
11
0.3
1.8
0.7
Min.
5
0.1
IOL = 12 mA
IOL = 6 mA
IOL = 5 mA
IOL = 2 mA
f(XIN) = 4.0 MHz
f(XIN) = 1.0 MHz
at active mode
at RAM back-up mode
Note: In this case, the pull-up transistors for G0/INT pin and ports G1, G2, G3, D2/C and D3/K are not selected.
ELECTRICAL CHARACTERISTICS
(Ta = –20
°C to 85 °C, VDD = 2.2 V to 5.5 V, unless otherwise noted)


同様の部品番号 - 4250

メーカー部品番号データシート部品情報
logo
Energizer
4250 ENERGIZER-4250 Datasheet
106Kb / 1P
   Industrial Rubber Light
logo
Schurter Inc.
4250 SCHURTER-4250 Datasheet
266Kb / 2P
   Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
logo
Heyco.
4250 HEYCO-4250 Datasheet
93Kb / 1P
   HEYConnect™ Terminal Bushings
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
   Mini IR Thermometer
42500-NIST EXTECH-42500-NIST Datasheet
152Kb / 1P
   Mini IR Thermometer
More results

同様の説明 - 4250

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com