データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4250 データシート(PDF) 57 Page - Renesas Technology Corp

部品番号 4250
部品情報  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 データシート(HTML) 57 Page - Renesas Technology Corp

Back Button 4250 Datasheet HTML 51Page - Renesas Technology Corp 4250 Datasheet HTML 52Page - Renesas Technology Corp 4250 Datasheet HTML 53Page - Renesas Technology Corp 4250 Datasheet HTML 54Page - Renesas Technology Corp 4250 Datasheet HTML 55Page - Renesas Technology Corp 4250 Datasheet HTML 56Page - Renesas Technology Corp 4250 Datasheet HTML 57Page - Renesas Technology Corp 4250 Datasheet HTML 58Page - Renesas Technology Corp 4250 Datasheet HTML 59Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
56
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Fig. 33 Flow of writing and test of the product shipped in
blank
Writing with PROM programmer
Screening (Leave at 150 °C for 40 hours) (Note)
Verify test with PROM programmer
Function test in target device
Since the screening temperature is higher
than storage temperature, never expose the
microcomputer to 150°C exceeding 100
hours.
Note:
(1) PROM mode
The 4250 Group has a function to serially input/output the
command codes, addresses, and data required for operation
(e.g. read and program) on the built-in PROM using only a
few pins. This mode can be selected by setting pins SDA (serial
data input/output), SCLK (serial clock input), and PGM to “H”
after connecting wires as shown in Figure 32 and powering
on the VDD pin, and then applying 12 V to the VPP pin.
In the PROM mode, three types of software commands (read,
program, and program verify) can be used.
Clock-synchronous serial I/O is used, beginning from the LSB
(LSB first). Use the special-purpose serial programmer when
performing serial read/program.
Refer to the Mitsubishi Data Book “DEVELOPMENT
SUPPORT TOOLS FOR MICROCOMPUTERS” about the
serial programmer (serial programmer and control software,
etc.) for the Mitsubishi single-chip microcomputers.
(2) Notes on handling
Œ A high-voltage is used for writing. Take care that overvoltage
is not applied. Take care especially at turning on the power.
 For the One Time PROM version shipped in blank,
Mitsubishi Electric corp. does not perform PROM writing
test and screening in the assembly process and following
processes. In order to improve reliability after writing,
performing writing and test according to the flow shown in
Figure 33 before using is recommended (Products shipped
in blank: PROM contents is not written in factory when
shipped)


同様の部品番号 - 4250

メーカー部品番号データシート部品情報
logo
Energizer
4250 ENERGIZER-4250 Datasheet
106Kb / 1P
   Industrial Rubber Light
logo
Schurter Inc.
4250 SCHURTER-4250 Datasheet
266Kb / 2P
   Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
logo
Heyco.
4250 HEYCO-4250 Datasheet
93Kb / 1P
   HEYConnect™ Terminal Bushings
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
   Mini IR Thermometer
42500-NIST EXTECH-42500-NIST Datasheet
152Kb / 1P
   Mini IR Thermometer
More results

同様の説明 - 4250

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com