データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4250 データシート(PDF) 14 Page - Renesas Technology Corp

部品番号 4250
部品情報  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 データシート(HTML) 14 Page - Renesas Technology Corp

Back Button 4250 Datasheet HTML 10Page - Renesas Technology Corp 4250 Datasheet HTML 11Page - Renesas Technology Corp 4250 Datasheet HTML 12Page - Renesas Technology Corp 4250 Datasheet HTML 13Page - Renesas Technology Corp 4250 Datasheet HTML 14Page - Renesas Technology Corp 4250 Datasheet HTML 15Page - Renesas Technology Corp 4250 Datasheet HTML 16Page - Renesas Technology Corp 4250 Datasheet HTML 17Page - Renesas Technology Corp 4250 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
13
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Fig. 7 Program counter (PC) structure
Fig. 8 Data pointer (DP) structure
Fig. 9 SD instruction execution example
p3 p2 p1 p0
a6 a5 a4 a3 a2 a1 a0
Program counter (PC)
PCH
Specifying
page
PCL
Specifying address
X1 X0 Y3 Y2 Y1 Y0
Data pointer (DP)
Register X (2)
Register Y (4)
Specifying
RAM digit
Specifying RAM file
1
0
0
10
Set
Specifying bit position
Port D output latch
Register Y (4)
D2
D3
D1
D0
(8) Program counter (PC)
Program counter (PC) is used to specify a ROM address (page
and address). It determines a sequence in which instructions
stored in ROM are read. It is a binary counter that increments
the number of instruction bytes each time an instruction is
executed. However, the value changes to a specified address
when branch instructions, subroutine call instructions, return
instructions, or the table reference instruction (TABP p) is
executed.
Program counter consists of PCH (most significant bit to bit 7)
which specifies to a ROM page and PCL (bits 6 to 0) which
specifies an address within a page. After it reaches the last
address (address 127) of a page, it specifies address 0 of the
next page (Figure 7).
Make sure that the PCH does not exceed after the last page of
the built-in ROM.
(9) Data pointer (DP)
Data pointer (DP) is used to specify a RAM address and
consists of registers X and Y. Register X specifies a file and
register Y specifies a RAM digit (Figure 8).
Register Y is also used to specify the port D bit position.
When using port D, set the port D bit position to register Y
certainly and execute the SD, RD, or SZD instruction (Figure
9).


同様の部品番号 - 4250

メーカー部品番号データシート部品情報
logo
Energizer
4250 ENERGIZER-4250 Datasheet
106Kb / 1P
Industrial Rubber Light
logo
Schurter Inc.
4250 SCHURTER-4250 Datasheet
266Kb / 2P
Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
logo
Heyco.
4250 HEYCO-4250 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
Mini IR Thermometer
42500-NIST EXTECH-42500-NIST Datasheet
152Kb / 1P
Mini IR Thermometer
More results

同様の説明 - 4250

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com