データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4250 データシート(PDF) 17 Page - Renesas Technology Corp

部品番号 4250
部品情報  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 データシート(HTML) 17 Page - Renesas Technology Corp

Back Button 4250 Datasheet HTML 13Page - Renesas Technology Corp 4250 Datasheet HTML 14Page - Renesas Technology Corp 4250 Datasheet HTML 15Page - Renesas Technology Corp 4250 Datasheet HTML 16Page - Renesas Technology Corp 4250 Datasheet HTML 17Page - Renesas Technology Corp 4250 Datasheet HTML 18Page - Renesas Technology Corp 4250 Datasheet HTML 19Page - Renesas Technology Corp 4250 Datasheet HTML 20Page - Renesas Technology Corp 4250 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
16
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
• Program counter (PC) ........... Each interrupt address
• Stack register (SK)
• Interrupt enable flag (INTE) ...... 0 (Interrupt disabled)
• Interrupt request flag (only the flag for the current interrupt
source) ...................................................................... 0
• Data pointer, carry flag, skip flag
......... Stored in the interrupt stack register (SDP) automatically
The address of main routine to
be executed when returning
Fig. 14 Internal state when interrupt occurs
T1F
V11
EXF0
V10
Address 2
in page 1
Address 0
in page 1
Request flag
(state retained)
Enable
bit
Enable
flag
Activated
condition
INT pin
(L
→H or
H
→L input)
Timer 1
underflow
EI
RTI
Interrupt
service routine
Interrupt
occurs
Interrupt
is enabled
Main routine
: Interrupt enabled state
: Interrupt disabled state
(4) Internal state during an interrupt
The internal state of the microcomputer during an in-
terrupt is as follows (Figure 14).
• Program counter (PC)
An interrupt address is set in program counter. The
address to be executed when returning to the main
routine is automatically stored in the stack register
(SK).
• Interrupt enable flag (INTE)
INTE flag is cleared to “0” so that interrupts are disa-
bled.
• Interrupt request flag
Only the request flag for the current interrupt source
is cleared to “0.”
• Data pointer, carry flag and skip flag
The contents of these pointer and flags are stored
automatically in the interrupt stack register (SDP).
(5) Interrupt processing
When an interrupt occurs, a program at an interrupt
address is executed after branching a data store se-
quence to stack register. Write the branch instruction
to an interrupt service routine at an interrupt address.
Use the RTI instruction to return to main routine.
Interrupt enabled by executing the EI instruction is per-
formed after executing 1 instruction (just after the next
instruction is executed). Accordingly, when the EI in-
struction is executed just before the RTI instruction,
interrupts are enabled after returning the main routine.
(Refer to Figure 13)
Fig. 13 Program example of interrupt processing
Fig. 15 Interrupt system diagram


同様の部品番号 - 4250

メーカー部品番号データシート部品情報
logo
Energizer
4250 ENERGIZER-4250 Datasheet
106Kb / 1P
Industrial Rubber Light
logo
Schurter Inc.
4250 SCHURTER-4250 Datasheet
266Kb / 2P
Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
logo
Heyco.
4250 HEYCO-4250 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
Mini IR Thermometer
42500-NIST EXTECH-42500-NIST Datasheet
152Kb / 1P
Mini IR Thermometer
More results

同様の説明 - 4250

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com