データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4250 データシート(PDF) 22 Page - Renesas Technology Corp

部品番号 4250
部品情報  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 データシート(HTML) 22 Page - Renesas Technology Corp

Back Button 4250 Datasheet HTML 18Page - Renesas Technology Corp 4250 Datasheet HTML 19Page - Renesas Technology Corp 4250 Datasheet HTML 20Page - Renesas Technology Corp 4250 Datasheet HTML 21Page - Renesas Technology Corp 4250 Datasheet HTML 22Page - Renesas Technology Corp 4250 Datasheet HTML 23Page - Renesas Technology Corp 4250 Datasheet HTML 24Page - Renesas Technology Corp 4250 Datasheet HTML 25Page - Renesas Technology Corp 4250 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
21
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
The 4250 Group timer consists of the following circuits.
• Prescaler : frequency divider
• Timer 1 : 8-bit programmable timer with the interrupt function
These timers can be controlled with the timer control register V1
and key-on wakeup control register K0.
Each function is described below.
Table 9 Function related timers
Circuit
Prescaler
Timer 1
Structure
Frequency divider
8-bit programmable
binary down counter
Count source
Instruction clock
Prescaler output (ORCLK)
Frequency
dividing ratio
4, 512
1 to 256
Use of output signal
• Timer 1 count source
• TOUT pin
• Timer 1 interrupt
Fig. 19 Timers structure
Control
register
V1
K0
V1
Count source is stopped by clearing to “0.”
Data is automatically set from a reload register
when timer 1 underflows (auto-reload function).
Timer 1 reload register R 1(8)
Timer 1 (8)
Register B(4)
T1F
Timer 1
interrupt
TAB1 instruction
Register A(4)
TAB1
instruction
Bit 7
Bit 0
1/2
1
0
V13
G1 output
G1/TOUT
T1AB
instruction
G1 input
Instruction clock
XIN
ORCLK
1/4
1/512
V12
0
1
0
1
K03
Prescaler
1
0
V12(Note)
Timer 1 underflow
signal
Internal clock
generating circuit
(divided by 4)
Note:
:


同様の部品番号 - 4250

メーカー部品番号データシート部品情報
logo
Energizer
4250 ENERGIZER-4250 Datasheet
106Kb / 1P
   Industrial Rubber Light
logo
Schurter Inc.
4250 SCHURTER-4250 Datasheet
266Kb / 2P
   Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
logo
Heyco.
4250 HEYCO-4250 Datasheet
93Kb / 1P
   HEYConnect™ Terminal Bushings
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
   Mini IR Thermometer
42500-NIST EXTECH-42500-NIST Datasheet
152Kb / 1P
   Mini IR Thermometer
More results

同様の説明 - 4250

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com