データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4250 データシート(PDF) 23 Page - Renesas Technology Corp

部品番号 4250
部品情報  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 データシート(HTML) 23 Page - Renesas Technology Corp

Back Button 4250 Datasheet HTML 19Page - Renesas Technology Corp 4250 Datasheet HTML 20Page - Renesas Technology Corp 4250 Datasheet HTML 21Page - Renesas Technology Corp 4250 Datasheet HTML 22Page - Renesas Technology Corp 4250 Datasheet HTML 23Page - Renesas Technology Corp 4250 Datasheet HTML 24Page - Renesas Technology Corp 4250 Datasheet HTML 25Page - Renesas Technology Corp 4250 Datasheet HTML 26Page - Renesas Technology Corp 4250 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
22
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Table 10 Control registers related to timer
V13
V12
V11
V10
Timer control register V1
Port G1 (I/O)
TOUT pin (output)/port G1(input)
Prescaler stop (initial state) / timer 1 stop (state retained)
Prescaler / timer 1 operation
Interrupt disabled (SNZ1 instruction is valid)
Interrupt enabled (SNZ1 instruction is invalid)
Interrupt disabled (SNZ0 instruction is valid)
Interrupt enabled (SNZ0 instruction is invalid)
0
1
0
1
0
1
0
1
G1/TOUT pin function selection bit
Prescaler/timer 1 operation start bit
Timer 1 interrupt enable bit
External interrupt enable bit
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: Set a value to the bit 2 of register K0, and execute the SNZ0 instruction to clear the EXF0 flag to “0” after executing at least
one instruction. According to the input state of G0/INT pin, the external interrupt request flag (EXF0) may be set to “1” when
the interrupt valid waveform is changed.
at reset : 00002
R/W
at RAM back-up : 00002
K03
K02
K01
K00
Instruction clock divided by 4
Instruction clock divided by 512
Rising waveform (“L”
→ “H”)
Falling waveform (“H”
→ “L”)
Key-on wakeup not used
Key-on wakeup used (“L” level recognized)
Key-on wakeup not used
Key-on wakeup used (“L” level recognized)
Prescaler dividing ratio selection bit
Interrupt valid waveform for INT pin/
key-on wakeup valid waveform selection
bit (Note 2)
Ports G1–G3 key-on wakeup control bit
Ports S0–S3 key-on wakeup control bit
Key-on wakeup control register K0
at reset : 00002
at RAM back-up : state retained
0
1
0
1
0
1
0
1
R/W


同様の部品番号 - 4250

メーカー部品番号データシート部品情報
logo
Energizer
4250 ENERGIZER-4250 Datasheet
106Kb / 1P
Industrial Rubber Light
logo
Schurter Inc.
4250 SCHURTER-4250 Datasheet
266Kb / 2P
Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
logo
Heyco.
4250 HEYCO-4250 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
Mini IR Thermometer
42500-NIST EXTECH-42500-NIST Datasheet
152Kb / 1P
Mini IR Thermometer
More results

同様の説明 - 4250

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com