データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4250 データシート(PDF) 26 Page - Renesas Technology Corp

部品番号 4250
部品情報  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 データシート(HTML) 26 Page - Renesas Technology Corp

Back Button 4250 Datasheet HTML 22Page - Renesas Technology Corp 4250 Datasheet HTML 23Page - Renesas Technology Corp 4250 Datasheet HTML 24Page - Renesas Technology Corp 4250 Datasheet HTML 25Page - Renesas Technology Corp 4250 Datasheet HTML 26Page - Renesas Technology Corp 4250 Datasheet HTML 27Page - Renesas Technology Corp 4250 Datasheet HTML 28Page - Renesas Technology Corp 4250 Datasheet HTML 29Page - Renesas Technology Corp 4250 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
25
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Fig. 22 Power-on reset circuit example
(2) Internal state at reset
Table 11 shows port state at reset, and Figure 23 shows
internal state at reset (they are retained after system is released
from reset).
Table 11 Port state at reset
The contents of timers, registers, flags and RAM except shown
in Figure 23 are undefined, so set the initial value to them.
Name
D0, D1, D2/C, D3/K
S0–S3
G0/INT, G1/TOUT
G2, G3
F0, F1
State
High impedance
(Note)
Function
D0, D1, D2/C, D3/K
S0–S3
G0/INT, G1
G2, G3
F0, F1
Note: Output latch is set to “1.”
(1) Power-on reset
Reset can be automatically performed at power on (power-on
reset) by connecting a resistor, a diode, and a capacitor to
RESET
pin. Connect RESET pin and the external circuit at the
shortest distance.
VDD
VDD
RESET pin voltage
Internal reset signal
Power-on
RESET
pin
This symbol represents a parasitic diode.
Internal reset
signal
Reset state
Reset released
Note: Applied potential to RESET pin
must be 7 V or less.


同様の部品番号 - 4250

メーカー部品番号データシート部品情報
logo
Energizer
4250 ENERGIZER-4250 Datasheet
106Kb / 1P
   Industrial Rubber Light
logo
Schurter Inc.
4250 SCHURTER-4250 Datasheet
266Kb / 2P
   Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
logo
Heyco.
4250 HEYCO-4250 Datasheet
93Kb / 1P
   HEYConnect™ Terminal Bushings
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
   Mini IR Thermometer
42500-NIST EXTECH-42500-NIST Datasheet
152Kb / 1P
   Mini IR Thermometer
More results

同様の説明 - 4250

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com