データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4250 データシート(PDF) 28 Page - Renesas Technology Corp

部品番号 4250
部品情報  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 データシート(HTML) 28 Page - Renesas Technology Corp

Back Button 4250 Datasheet HTML 24Page - Renesas Technology Corp 4250 Datasheet HTML 25Page - Renesas Technology Corp 4250 Datasheet HTML 26Page - Renesas Technology Corp 4250 Datasheet HTML 27Page - Renesas Technology Corp 4250 Datasheet HTML 28Page - Renesas Technology Corp 4250 Datasheet HTML 29Page - Renesas Technology Corp 4250 Datasheet HTML 30Page - Renesas Technology Corp 4250 Datasheet HTML 31Page - Renesas Technology Corp 4250 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
27
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Remarks
Select the return edge (rising edge or falling edge) with the bit 2 of register
K0 according to the external state before going into the RAM back-up
state.
Set the port using the key-on wakeup function selected with register K0
to “H” level before going into the RAM back-up state.
Return source
G0/INT pin
Ports G1–G3
S0–S3
Return condition
Return by an external rising edge
input (“L”
→“H”) or falling edge
input (“H”
→“L”).
The EXF0 flag is not set.
Return by an external “L” level
input.
Table 13 Return source and return condition
Note: G0/INT pin and ports G1–G3, S0–S3 share the circuit which is used to detect the edge and to recognize “L” level.
The G0/INT pin cannot be set to “no key-on wakeup.”
RAM BACK-UP MODE
The 4250 Group has the RAM back-up mode.
When the POF instruction is executed continuously, system
enters the RAM back-up state.
As oscillation stops retaining RAM, the function of reset circuit
and states at RAM back-up mode, current dissipation can be
reduced without losing the contents of RAM. Table 12 shows
the function and states retained at RAM back-up. Figure 24 shows
the state transition.
(1) Identification of the start condition
Warm start (return from the RAM back-up state) or cold start
(return from the normal reset state) can be identified by
examining the state of the power down flag (P) with the SNZP
instruction.
(2) Warm start condition
When the external wakeup signal is input after the system
enters the RAM back-up state by executing the POF instruction
continuously, the CPU starts executing the software from
address 0 in page 0. In this case, the P flag is “1.”
(3) Cold start condition
The CPU starts executing the software from address 0 in page
0 when reset pulse is input to RESET pin.
In this case, the P flag is “0.”
(4) Return signal
An external wakeup signal is used to return from the RAM
back-up mode. Table 13 shows the return condition for each
return source.
Table 12 Functions and states retained at RAM back-up
RAM back-up
!
O
!
!
!
O
O
!
!
!
!
Function
Program counter (PC), registers A, B,
carry flag (CY), stack pointer (SP) (Note 2)
Contents of RAM
Port
Timer control register V1
Timer 1 function
Pull-up control register PU0
Key-on wakeup control register K0
Logic operation selection register LO
External interrupt request flag (EXF0)
Timer 1 interrupt request flag (T1F)
Interrupt enable flag (INTE)
Notes 1: “O” represents that the function can be retained, and
“!” represents that the function is initialized.
Registers and flags other than the above are undefined
at RAM back-up, and set an initial value after returning.
2:The stack pointer (SP) points the level of the stack
register and is initialized to “3” at RAM back-up.


同様の部品番号 - 4250

メーカー部品番号データシート部品情報
logo
Energizer
4250 ENERGIZER-4250 Datasheet
106Kb / 1P
   Industrial Rubber Light
logo
Schurter Inc.
4250 SCHURTER-4250 Datasheet
266Kb / 2P
   Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
logo
Heyco.
4250 HEYCO-4250 Datasheet
93Kb / 1P
   HEYConnect™ Terminal Bushings
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
   Mini IR Thermometer
42500-NIST EXTECH-42500-NIST Datasheet
152Kb / 1P
   Mini IR Thermometer
More results

同様の説明 - 4250

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com