| データシートサーチシステム |
|
M66596FP データシート(PDF) 129 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66596FP データシート(HTML) 129 Page - Renesas Technology Corp |
|
129 / 131 page ![]() 18 (2.3) Corrected: Bit symbol of bit 5. Corrected: Description of FSRPC. 20 (2.3.3) Added: Description of Line status monitor 20 (2.3.4) Added: note of Table2.5. 21 (2.4) Corrected: Note *3) 22 (2.4) Corrected: Description of 2.4.1 Added: Description of 2.4.2 27 (2.6) Added: Note *6) 28 (2.6) Corrected: Note *9) 41 (2.13) Corrected: Note *9), *10) 46 (2.14) Corrected: Bit alignment of address 0x68. 48 (2.14) Corrected: Note *15), *18) 49 (3.1.2) Corrected: BIGENB bit of Table 3.2. 54 (3.1.7.6) Corrected: Description of Auto clock supply function. 55 (3.1.7.7) Added: 3.1.7.7 59 (3.1.8.6) Corrected: Description of (2). 60 (3.2) Corrected: Description of SOFR and SIGN of Table 3.7. 63 (3.2.2) Added: 3.2.2 64 (3.2.3) Corrected: Table 3.9 65 (3.2.3) Corrected: Description of “If a Zero-length ...” , “The conditions on ...” 66 (3.2.4.1) Added: “*However ...” 66 (3.2.4.1) Added: “When a token is ...” 71 (3.2.9) (3.2.10) (3.2.11) Added: “This interruption is ...” 71 (3.2.12) Corrected: Description of 3.2.12. 73 (3.3.3) Added: “In the Host mode do not set ...” 1.00 2006.3.14 74 (3.3.4) Corrected: Description of 3.3.4. |