| データシートサーチシステム |
|
M32C/8B データシート(PDF) 393 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B データシート(HTML) 393 Page - Renesas Technology Corp |
|
393 / 406 page ![]() Under development M32C/8B Group 25. Usage Notes Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 376 of 385 25.10 Three-Phase Motor Control Timer Function • Do not write to the TAi or the TAi1 register (i = 1, 2, 4) in the timing that timer B2 underflows. If there is a possibility to write in this timing, read the value of the timer B2 register to verify that there is a sufficient time until timer B2 underflows, and then write to the TAi or the TAi1 register immediately. (Technical update: TN-M16C-86-0205) |