| データシートサーチシステム |
|
M32C/8B データシート(PDF) 112 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B データシート(HTML) 112 Page - Renesas Technology Corp |
|
112 / 406 page ![]() Under development M32C/8B Group 11. Interrupts Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 95 of 385 11. Interrupts 11.1 Types of Interrupts Figure 11.1 shows the types of interrupts. Figure 11.1 Interrupts • Maskable interrupts The I flag and IPL can enable and disable these interrupts. The interrupt priority order can be changed by using interrupt priority level settings. • Non-maskable interrupt These interrupts cannot be disabled regardless of the I flag and IPL settings. Interrupts Software (Non-maskable interrupts) Hardware Undefined instruction (UND instruction) Overflow (INTO instruction) BRK instruction BRK2 instruction(2) INT instruction Special (Non-maskable interrupts) Peripheral function(1) (Maskable interrupts) NMI Watchdog timer Oscillation stop detection Voltage monitor Single step(2) Address match DMACII transfer complete NOTES: 1. Peripheral function interrupts are generated by the on-chip peripheral functions in the MCU. 2. Do not use these interrupts. They are for use with development tool only. |