| データシートサーチシステム |
|
M32C/8B データシート(PDF) 310 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B データシート(HTML) 310 Page - Renesas Technology Corp |
|
310 / 406 page ![]() Under development M32C/8B Group 22. Programmable I/O Ports Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 293 of 385 Figure 22.14 PUR3 Register b7 b6 b5 b4 b1 b2 b3 Symbol PUR3 Address 03DBh After Reset 00h b0 Function Bit Symbol Bit Name RW PU35 PU37 P11_4 pull-up P13_4 to P13_7 pull-up RW RW RW RW PU34 RW PU33 P12_4 to P12_7 pull-up P13_0 to P13_3 pull-up PU36 Pull-Up Control Register 3 P12_0 to P12_3 pull-up P10_4 to P10_7 pull-up PU31 RW P11_0 to P11_3 pull-up RW PU32 Pull-up setting for the corresponding ports 0: Not pulled up 1: Pulled up P10_0 to P10_3 pull-up PU30 RW <144-pin package> b7 0 0 0 0 0 0 b6 b5 b4 b1 b2 b3 Symbol PUR3 Address 03DBh After Reset 00h b0 Function Bit Symbol Bit Name RW Pull-Up Control Register 3 P10_4 to P10_7 pull-up PU31 RW Set to 0 RW − (b7-b2) Pull-up setting for the corresponding ports 0: Not pulled up 1: Pulled up P10_0 to P10_3 pull-up PU30 RW <100-pin package> Reserved bits |