| データシートサーチシステム |
|
M16C/62 データシート(PDF) 473 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 データシート(HTML) 473 Page - Renesas Technology Corp |
|
473 / 615 page ![]() Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Watchdog Timer 2-156 2.11.2 Operation of Watchdog Timer The following is an operation of the watchdog timer. Figure 2.11.3 shows the operation timing, and Figure 2.11.4 shows the set-up procedure. (1) Writing to the watchdog timer start register initializes the watchdog timer to 7FFF16 and causes it to start a down count. (2) With a count in progress, writing to the watchdog timer start register again initializes the watchdog timer to 7FFF16 and causes it to resume counting. (3) Either executing the WAIT instruction or going to the stopped state causes the watchdog timer to hold the count in progress and to stop counting. The watchdog timer resumes count- ing after returning from the execution of the WAIT instruction or from the stopped state. (4) If the watchdog timer underflows, it is initialized to 7FFF16 and continues counting. At this time, a watchdog timer interrupt occurs. Operation Figure 2.11.3. Operation timing of watchdog timer (1) Start count Write signal to the watchdog timer start register 7FFF16 000016 “H” “L” (4) Generate watchdog timer interrupt (2) Write operation (3) In stopped state, or WAIT instruction is executing, etc |