| データシートサーチシステム |
|
M16C/62 データシート(PDF) 487 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 データシート(HTML) 487 Page - Renesas Technology Corp |
|
487 / 615 page ![]() Multiple Interrupts Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 2-170 Figure 2.14.5. Interrupts resolution circuit Timer B2 Timer B0 Timer A3 Timer A1 Timer B1 Timer A4 Timer A2 UART1 reception UART0 reception UART2 reception/ACK A-D conversion DMA1 Bus collision detection Timer A0 UART1 transmission UART0 transmission UART2 transmission/NACK Key input interrupt DMA0 Processor interrupt priority level (IPL) Interrupt enable flag (I flag) INT1 INT2 INT0 Watchdog timer Reset DBC NMI Interrupt request accepted Level 0 (initial value) Priority level of each interrupt High Low Priority of peripheral I/O interrupts (if priority levels are same) Timer B4 INT3 Timer B3 Timer B5 Serial I/O4/INT5 Serial I/O3/INT4 Address match Interrupt request level judgment output to clock generating circuit (Fig.1.10.3) (6) Interrupt resolution circuit When two or more interrupts are generated simultaneously, this circuit selects the interrupt with the highest priority level. Figure 2.14.5 shows the circuit that judges the interrupt priority level. |