| データシートサーチシステム |
|
M16C/62M データシート(PDF) 613 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62M データシート(HTML) 613 Page - Renesas Technology Corp |
|
613 / 615 page ![]() P Parallel I/O Mode ................................................ 1-235 Performance Outline ............................................... 1-6 Pin Configuration ..................................................... 1-3 Pin Configuration (External ROM version) .......... 2-245 Pin Description (External ROM version) ............. 2-247 Power control ........................................................ 1-43 Power Control Usage .......................................... 2-173 Precautions for External Bus ............................... 2-242 Precautions for Interrupts ...................................... 1-64 Processor Mode ........................................ 1-22, 2-253 Programmable I/O Ports ..................................... 1-163 Programmable I/O Ports Usage .......................... 2-181 Protect Usage ......................................................... 2-2 Protection .............................................................. 1-45 R __________ _________ Releasing an External Bus (HOLD input and HLDA output) ................................................................. 2-241 Reset ..................................................................... 1-15 Returning from an Interrupt Routine ...................... 1-59 S Serial I/O ............................................................. 1-108 SI/O3, 4 Usage .................................................... 2-106 Software Reset ...................................................... 1-22 Solution for External Interrupt Pins Shortage ...... 2-206 Standard serial I/O mode .................................... 1-239 Status Transition of BCLK ..................................... 1-42 Stop Mode ............................................................. 1-40 T Timer ..................................................................... 1-78 Timer A .................................................................. 1-80 Timer A Usage ......................................................... 2-6 Timer B .................................................................. 1-90 Timer B Usage ...................................................... 2-38 Timers functions for three-phase motor control .... 1-96 U UART0 to 2 ......................................................... 1-108 V Variable-Period Variable-Duty PWM Output ....... 2-196 W Wait Mode ............................................................. 1-41 Watchdog Timer .................................................... 1-66 Watchdog Timer Usage ....................................... 2-154 |