| データシートサーチシステム |
|
M16C/62M データシート(PDF) 243 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62M データシート(HTML) 243 Page - Renesas Technology Corp |
|
243 / 615 page ![]() CPU Rewrite Mode (Flash Memory Version) Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1-224 (8) Writing in the user ROM area If power is lost while rewriting blocks that contain the flash rewrite program with the CPU rewrite mode, those blocks may not be correctly rewritten and it is possible that the flash memory can no longer be rewritten after that. Therefore, it is recommended to use the standard serial I/O mode or parallel I/O mode to rewrite these blocks. (9) Using the lock bit To use the CPU rewrite mode, use a boot program that can set and cancel the lock command. |