| データシートサーチシステム |
|
M16C/62 データシート(PDF) 384 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 データシート(HTML) 384 Page - Renesas Technology Corp |
|
384 / 621 page ![]() SIM interface Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 369 Continued from the previous page Setting UART2 bit rate generator UART2 bit rate generator [Address 037916] U2BRG Can be set to 0016 to FF16 (Note) b7 b0 Note: Write to UARTi bit rate generator when transmission/reception is halted. Transmit enabled UART2 transmit/receive control register 1 [Address 037D16] U2C1 b7 b0 Receive enable bit 1 : Reception enabled 11 Transmit enable bit 1 : Transmission enabled Writing transmit data UART2 transmit buffer register [Address 037B16, 037A16] U2TB b7 b0 b7 b0 (b15) (b8) Setting transmission data UART2 transmit interrupt Confirm RXD2 pin level Port P7 register [Address 03ED16] P7 Port P71 register 0 : "L" level 1 : "H" level b7 b0 REIT instruction Figure 2.5.16. Set-up procedure of transmission in UART mode (used for SIM interface) (2) |