| データシートサーチシステム |
|
M16C/62 データシート(PDF) 392 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 データシート(HTML) 392 Page - Renesas Technology Corp |
|
392 / 621 page ![]() SIM interface Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 377 372 1 372 92 1116 1 1116 278 2 186 2 558 4 93 4 279 88 16 16 1/2 744 185 1/2 2232 557 1/4 1488 371 1/4 4464 1115 1/8 2976 743 1/8 8928 2231 1/16 5952 1487 1/16 17856 4463 1/32 11904 2975 1/32 35712 8927 1/64 23808 5951 1/64 71424 17855 558 1 558 1488 1 1488 371 2 279 2 744 185 4 4 372 92 8 8 186 16 16 93 1/2 1116 278 1/2 2976 743 1/4 2232 557 1/4 5952 1487 1/8 4464 1115 1/8 11904 2975 1/16 8928 2231 1/16 23808 5951 1/32 17856 4463 1/32 47616 11903 1/64 35712 8927 1/64 95232 23807 744 1 744 185 1860 1 1860 464 2 372 92 2 930 4 186 4 465 893 8 16 16 1/2 1488 371 1/2 3720 929 1/4 2976 743 1/4 7440 1859 1/8 5952 1487 1/8 14880 3719 1/16 11904 2975 1/16 29760 7439 1/32 23808 5951 1/32 59520 14879 1/64 47616 11903 1/64 119040 29759 Combination impossible to deal with due to the current specifications of M30622MC Combination in which the F/D itself does not become an integer Setting example under the following conditions. f(XIN)=16MHz Timer Ai counter set value = 3, UARTi bit rate generator set value = 0 Timer Ai value F/D F/D SIM card internal clock F(Hz) Bit rate D Bit rate D SIM card internal clock F(Hz) Timer Aj value Table 2.5.9. TimerAi register adjustment factor |