| データシートサーチシステム |
|
M16C/62 データシート(PDF) 145 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 データシート(HTML) 145 Page - Renesas Technology Corp |
|
145 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Clock asynchronous serial I/O (UART) mode 130 Table 1.19.6. Specifications of UART Mode (2) Item Specification Select function _______ _______ • Separate CTS/RTS pins (UART0) _______ _______ UART0 CTS and RTS pins each can be assigned to separate pins • Sleep mode selection (UART0, UART1) This mode is used to transfer data to and from one of multiple slave micro- computers • Serial data logic switch (UART2) This function is reversing logic value of transferring data. Start bit, parity bit and stop bit are not reversed. •TXD, RXD I/O polarity switch This function is reversing TXD port output and RXD port input. All I/O data level is reversed. |