| データシートサーチシステム |
|
M16C/62 データシート(PDF) 286 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 データシート(HTML) 286 Page - Renesas Technology Corp |
|
286 / 621 page ![]() Appendix Standard Serial I/O Mode (Flash Memory Version) Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 271 Example Circuit Application for The Standard Serial I/O Mode The below figure shows a circuit application for the standard serial I/O mode. Control pins will vary ac- cording to peripheral unit (programmer), therefore see the peripheral unit (programmer) manual for more information. RTS1(BUSY) CLK1 RXD1 TXD1 CNVss Clock input BUSY output Data input Data output P50(CE) P55(EPM) M16C/62 flash memory version (1) Control pins and external circuitry will vary according to peripheral unit (programmer). For more information, see the peripheral unit (programmer) manual. (2) In this example, the microprocessor mode and standard serial I/O mode are switched via a switch. NMI Figure 1.31.20. Example circuit application for the standard serial I/O mode |