| データシートサーチシステム |
|
M30620FCAFP データシート(PDF) 507 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP データシート(HTML) 507 Page - Renesas Technology Corp |
|
507 / 615 page ![]() Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 2-190 Applications This chapter presents applications in which peripheral functions built in the M16C/62A are used. They are shown here as examples. In practical use, make suitable changes and perform sufficient evaluation. For basic use, see Chapter 2 Peripheral Functions Usage. Here follows the list of applications that appear in this chapter. • 3.1 Long-period timers ........................................................................................................... P2-192 • 3.2 Variable-period variable-duty PWM output ...................................................................... P2-196 • 3.3 Delayed one-shot output ................................................................................................. P2-200 • 3.4 Buzzer output .................................................................................................................. P2-204 • 3.5 Solution for external interrupt pins shortage .................................................................... P2-206 • 3.6 Memory to memory DMA transfer ................................................................................... P2-208 • 3.7 Controlling power using stop mode ................................................................................. P2-212 • 3.8 Controlling power using wait mode .................................................................................. P2-216 |