| データシートサーチシステム |
|
H8/3028F データシート(PDF) 561 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 561 Page - Renesas Technology Corp |
|
561 / 923 page ![]() Rev. 2.00, 09/03, page 531 of 890 Initialization Read RDR and clear RDRF flag to 0 in SSR Clear RE bit to 0 Start receiving Start Error handling No No No Yes Yes ORER = 0 and PER = 0? RDRF = 1? All data received? Yes Figure 14.8 Sample Reception Processing Flowchart The above procedure may include interrupt handling and DMA transfer. If reception ends and the RDRF flag is set to 1 while the RIE bit is set to 1 and interrupt requests are enabled, a receive-data-full interrupt (RXI) will be requested. If an error occurs in reception and either the ORER flag or the PER flag is set to 1, a transmit/receive-error interrupt (ERI) will be requested. If the RXI interrupt activates the DMAC, the number of bytes designated in the DMAC will be transferred, skipping receive data in which an error occurred. For details, see Interrupt Operations and Data Transfer by DMAC in this section. If a parity error occurs during reception and the PER flag is set to 1, the received data is transferred to RDR, so the erroneous data can be read. |