| データシートサーチシステム |
|
H8/3028F データシート(PDF) 591 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 591 Page - Renesas Technology Corp |
|
591 / 923 page ![]() Rev. 2.00, 09/03, page 561 of 890 Section 16 D/A Converter 16.1 Overview The H8/3028 Group includes a D/A converter with two channels. 16.1.1 Features D/A converter features are listed below. • Eight-bit resolution • Two output channels • Conversion time: maximum 10 µs (with 20-pF capacitive load) • × VREF Output voltage: 0 V to 255 256 • D/A outputs can be sustained in software standby mode 16.1.2 Block Diagram Figure 16.1 shows a block diagram of the D/A converter. V AV DA DA AV REF CC SS 0 1 Legend DACR: DADR0: DADR1: DASTCR: 8-bit D/A Module data bus Internal data bus Control circuit D/A control register D/A data register 0 D/A data register 1 D/A standby control register Figure 16.1 D/A Converter Block Diagram |