| データシートサーチシステム |
|
H8/3028F データシート(PDF) 603 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 603 Page - Renesas Technology Corp |
|
603 / 923 page ![]() Rev. 2.00, 09/03, page 573 of 890 Section 18 ROM (H8/3028F-ZTAT, Mask ROM Version) 18.1 Flash Memory Version Overview The H8/3028F-ZTAT has 384 kbytes of on-chip flash memory. The flash memory is connected to the CPU by a 16-bit data bus. The CPU accesses both byte data and word data in two states, enabling rapid data transfer. The on-chip ROM is enabled and disabled by setting the mode pins (MD2 to MD0) as shown in table 18.1. The on-chip flash memory product (H8/3028F-ZTAT) can be erased and programmed on-board, as well as with a special-purpose PROM programmer. Table 18.1 Operating Modes and ROM Mode Pins Mode MD2 MD1 MD0 On-Chip ROM Mode 1 (expanded 1-Mbyte mode with on-chip ROM disabled) 001Disabled (external address area) Mode 2 (expanded 1-Mbyte mode with on-chip ROM disabled) 010 Mode 3 (expanded 16-Mbyte mode with on-chip ROM disabled) 011 Mode 4 (expanded 16-Mbyte mode with on-chip ROM disabled) 100 Mode 5 (expanded 16-Mbyte mode with on-chip ROM enabled) 101Enabled Mode 6 (single-chip normal mode) 1 1 0 Mode 7 (single-chip advanced mode) 1 1 1 |