| データシートサーチシステム |
|
H8/3028F データシート(PDF) 677 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 677 Page - Renesas Technology Corp |
|
677 / 923 page ![]() Rev. 2.00, 09/03, page 647 of 890 Section 21 Electrical Characteristics 21.1 Electrical Characteristics of H8/3028 Mask ROM Version 21.1.1 Absolute Maximum Ratings Table 21.1 lists the absolute maximum ratings. Table 21.1 Absolute Maximum Ratings Item Symbol Value Unit Power supply voltage VCC –0.3 to +4.6 V Input voltage (except for port 7)* Vin –0.3 to VCC +0.3 V Input voltage (port 7) Vin –0.3 to AVCC +0.3 V Reference voltage VREF –0.3 to AVCC +0.3 V Analog power supply voltage AVCC –0.3 to +4.6 V Analog input voltage VAN –0.3 to AVCC +0.3 V Operating temperature Topr Regular specifications: –20 to +75 °C Wide-range specifications: –40 to +85 °C Storage temperature Tstg –55 to +125 °C Caution: Permanent damage to the chip may result if absolute maximum ratings are exceeded. Note: * 12 V must not be applied to any pin, as this may cause permanent damage to the device. |