| データシートサーチシステム |
|
H8/3028F データシート(PDF) 725 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 725 Page - Renesas Technology Corp |
|
725 / 923 page ![]() Rev. 2.00, 09/03, page 695 of 890 Mnemonic Operation Condition Code Addressing Mode and Instruction Length (bytes) No. of States *1 I H N Z V C PUSH.W Rn PUSH.L ERn MOVFPE @aa:16, Rd MOVTPE Rs, @aa:16 W L B B 2 4 4 4 SP–2 → SP Rn16 → @SP SP–4 → SP ERn32 → @SP Cannot be used in the H8/3028 Seires Cannot be used in the H8/3028 Seires 6 10 — — 0 — — — 0 — Cannot be used in the H8/3028 Seires Cannot be used in the H8/3028 Seires 2. Arithmetic instructions Mnemonic Operation Condition Code Addressing Mode and Instruction Length (bytes) No. of States *1 I H N Z V C ADD.B #xx:8, Rd ADD.B Rs, Rd ADD.W #xx:16, Rd ADD.W Rs, Rd ADD.L #xx:32, ERd ADD.L ERs, ERd ADDX.B #xx:8, Rd ADDX.B Rs, Rd ADDS.L #1, ERd ADDS.L #2, ERd ADDS.L #4, ERd INC.B Rd INC.W #1, Rd INC.W #2, Rd B B W W L L B B L L L B W W 2 2 4 2 6 2 2 2 2 2 2 2 2 2 Rd8+#xx:8 → Rd8 Rd8+Rs8 → Rd8 Rd16+#xx:16 → Rd16 Rd16+Rs16 → Rd16 ERd32+#xx:32 → ERd32 ERd32+ERs32 → ERd32 Rd8+#xx:8 +C → Rd8 Rd8+Rs8 +C → Rd8 ERd32+1 → ERd32 ERd32+2 → ERd32 ERd32+4 → ERd32 Rd8+1 → Rd8 Rd16+1 → Rd16 Rd16+2 → Rd16 2 2 4 2 6 2 2 2 2 2 2 2 2 2 — — — (1) — (1) — (2) — (2) — (3) — (3) — — — — — — — — — — — — — — — — — — — — — — — — — — — |