| データシートサーチシステム |
|
H8/3028F データシート(PDF) 787 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 787 Page - Renesas Technology Corp |
|
787 / 923 page ![]() Rev. 2.00, 09/03, page 757 of 890 SYSCR—System Control Register H'EE012 System control Bit Initial value Read/Write 0 R/W 7 SSBY 0 R/W 6 STS2 0 R/W 5 STS1 0 R/W 4 STS0 1 R/W 3 UE 0 R/W 2 NMIEG 0 R/W 1 SSOE 1 R/W 0 RAME NMI edge select 0 1 An interrupt is requested at the falling edge of NMI An interrupt is requested at the rising edge of NMI RAM enable 0 1 On-chip RAM is disabled On-chip RAM is enabled User bit enable 0 1 CCR bit 6 (UI) is used as an interrupt mask bit CCR bit 6 (UI) is used as a user bit Standby timer select 2 to 0 Bit 6 STS2 Waiting Time = 8,192 states Waiting Time = 16,384 states Waiting Time = 32,768 states Waiting Time = 65,536 states Waiting Time = 131,072 states Waiting Time = 26,2144 states Waiting Time = 1,024 states Illegal setting Bit 5 STS1 Bit 4 STS0 Standby Timer 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Software standby 0 1 SLEEP instruction causes transition to sleep mode SLEEP instruction causes transition to software standby mode Software standby output port enable 0 1 In software standby mode, all address bus and bus control signals are high- impedance In software standby mode, address bus retains output state and bus control signals are fixed high |