| データシートサーチシステム |
|
H8/3028F データシート(PDF) 802 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 802 Page - Renesas Technology Corp |
|
802 / 923 page ![]() Rev. 2.00, 09/03, page 772 of 890 FLMCR1—Flash Memory Control Register 1 H'EE030 Flash Memory Bit Initial value Read/Write 1/0 R 7 FWE 0 R/W 6 SWE 0 R/W 5 ESU 0 R/W 4 PSU 0 R/W 3 EV 0 R/W 2 PV 0 R/W 1 E 0 R/W Initial value Read/Write Modes 5 and 7 Modes 1 to 4, and 6 0 R 0 R 0 R 0 R 0 R 0 R 0 R 0 R 0 P 0 1 Program mode cleared (Initial value) Transition to program mode [Setting condition] When FWE = 1, SWE = 1, and PSU = 1 Program mode 0 1 Erase mode cleared (Initial value) Transition to erase mode [Setting condition] When FWE = 1, SWE = 1, and ESU = 1 Erase mode 0 1 Program-verify mode cleared (Initial value) Transition to program-verify mode [Setting condition] When FWE = 1 and SWE = 1 Program-verify mode 0 1 Erase-verify mode cleared (Initial value) Transition to erase-verify mode [Setting condition] When FWE = 1 and SWE = 1 Erase-verify mode 0 1 Program setup cleared (Initial value) Program setup [Setting condition] When FWE = 1 and SWE = 1 Program setup 0 1 Erase setup cleared (Initial value) Erase setup [Setting condition] When FWE = 1 and SWE = 1 Erase setup bit 0 1 Write/erase disabled (Initial value) Write/erase enabled [Setting condition] When FWE = 1 Software write enable bit 0 1 When a low level is input to the FWE pin (hardware protection state) When a high level is input to the FWE pin Flash write enable bit Notes: 1. This register is used only in the flash memory. Reading the corresponding address in a mask ROM version will always return 1s, and writes to this address are disabled. 2. Fix the FWE pin low in mode 6. |