| データシートサーチシステム |
|
M38K09RFS データシート(PDF) 119 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K09RFS データシート(HTML) 119 Page - Renesas Technology Corp |
|
119 / 328 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 05, 2006 page 102 of 112 38K0 Group REJ09B0337-0200 HARDWARE qVersion Information Output Command This command outputs the version information of the control pro- gram stored in the Boot ROM area. Execute the version information output command as explained here following. (1) Transfer the “FB16” command code with the 1st byte. (2) The version information will be output from the 2nd byte on- ward. This data is composed of 8 ASCII code characters. Fig. 131 Timing for version information output FB16 ‘X’ ‘V’‘E’‘R’ SCLK RxD TxD SRDY (BUSY) qBoot ROM Area Output Command This command reads the control program stored in the Boot ROM area in page (256 bytes) unit. Execute the Boot ROM area output command as explained here following. (1) Transfer the “FC16” command code with the 1st byte. (2) Transfer addresses A8 to A15 and A16 to A23 with the 2nd and 3rd bytes respectively. (3) From the 4th byte onward, data (D0 to D7) for the page (256 bytes) specified with addresses A8 to A23 will be output se- quentially from the smallest address first synchronized with the fall of the clock. Fig. 132 Timing for Boot ROM area output FC16 A8 to A15 A16 to A23 data0data255 SCLK RxD TxD SRDY (BUSY) |