| データシートサーチシステム |
|
M38042F1HKP データシート(PDF) 353 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38042F1HKP データシート(HTML) 353 Page - Renesas Technology Corp |
|
353 / 387 page ![]() 3-63 REJ09B0212-0100Z Rev.1.00 Jan 14, 2005 3804 Group (Spec.H) APPENDIX 3.5 Control registers Fig. 3.5.20 Structure of Serial I/O2 register Fig. 3.5.21 Structure of Prescaler 12, Prescaler X, Prescaler Y Serial I/O2 register b7 b6 b5 b4 b3 b2 b1 b0 Serial I/O2 register (SIO2: address 001F16) b 0 1 2 3 4 5 6 7 Name Undefined Functions At reset R W Undefined Undefined Undefined Undefined Undefined Undefined Undefined This register becomes shift register. At transmit: Set transmit data to this register. At receive: Received data is stored to this register. Prescaler 12, Prescaler X, Prescaler Y b7 b6 b5 b4 b3 b2 b1 b0 Prescaler 12 (PRE12), Prescaler X (PREX), Prescaler Y (PREY) (addresses 002016, 002416, 002616) b 0 1 At reset R W 1 2 3 4 5 6 7 Functions • Set a count value of each prescaler. • The value set in this register is written to both each prescaler and the corresponding prescaler latch at the same time. • When this register is read out, the count value of the corresponding prescaler is read out. 1 1 1 1 1 1 1 |