| データシートサーチシステム |
|
M38041F2HKP データシート(PDF) 335 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38041F2HKP データシート(HTML) 335 Page - Renesas Technology Corp |
|
335 / 387 page ![]() 3-45 REJ09B0212-0100Z Rev.1.00 Jan 14, 2005 3804 Group (Spec.H) APPENDIX 3.4 Countermeasures against noise 3.4.2 Connection of bypass capacitor across VSS line and VCC line Connect an approximately 0.1 µF bypass capacitor across the VSS line and the VCC line as follows: • Connect a bypass capacitor across the VSS pin and the VCC pin at equal length. • Connect a bypass capacitor across the VSS pin and the VCC pin with the shortest possible wiring. • Use lines with a larger diameter than other signal lines for VSS line and VCC line. • Connect the power source wiring via a bypass capacitor to the VSS pin and the VCC pin. Fig. 3.4.4 Bypass capacitor across the VSS line and the VCC line VSS VCC VSS VCC N.G. O.K. |